Part Number Hot Search : 
B5A100VI G4PC40 CE1CS02 ASI10791 CA1558T 7NC09 APL1018 1001A
Product Description
Full Text Search
 

To Download CMD41A11A-20000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMD4A Model
Replacement for Plastic SMD Crystal Frequency Range: Calibration Tolerance: Frequency Stability: Temperature Range: (Option) (Option) Storage: Shunt Capacitance: Drive Level: ESR: Packaging: Aging: 3.5MHz to 32MHz (fund) 27MHz to 86MHz (3rd O/T) 10ppm to 100ppm 10ppm to 100ppm 0C to 70C ree -20C to 70C dF ea oHS nt L R plia -40C to 85C m Co -55C to 120C 7.0pF Max 100uW Typical see table 1 1K Tape and Reel <3ppm 1st/yr Max **Not recommended for new designs
0.400 (10.16) #4 #3
Designed as a drop in replacement for older style plastic crystal packages.
Resistance at series resonance Freq. (MHz) 3.5 - 4.0 4.1 - 4.9 5.0 - 5.9 6.0 - 11.9 12.0 - 14.9 15.0 - 30.0 30.1 - 86.0 Max ESR 150 120 100 90 70 50 100
Table 1
0.150 (3.81)
Terminals #1 #4 Crystal #2 #3 GND
0.516 (13.10) 0.008 0.004 (0.20 0.10) #1 #2 0.086 (2.20) 0.063 (1.60) 0.142 (3.60) 0.094 (2.40) 0.094 (2.40) 0.374 (9.50) 0.063 (1.60) 0.039 (1.00) 0.197 (5.00) 0.370 (9.40)
See Options
#4
#3
0.181 (4.60)
#2 Dimensions inches (mm) #1 All dimensions are Max unless otherwise specified.
0.118 (3.00)
CMD4X X X X X - Freq
Frequency Tolerance at 25C
1 2 3 4 5 6 7 10 ppm 15 ppm 20 ppm 25 ppm 30 ppm 50 ppm 100 ppm A B C D E F G H I
Frequency Stability over Temp Range
10 ppm (0 to 70C) 15 ppm (0 to 70C) 20 ppm (0 to 70C) 25 ppm (0 to 70C) 30 ppm (0 to 70C) 50 ppm (0 to 70C) 100 ppm (0 to 70C) 15 ppm (-20 to 70C) 20 ppm (-20 to 70C) J K L M N O P Q 30ppm 50 ppm 100 ppm 20 ppm 25 ppm 30 ppm 50 ppm 100 ppm (-20 to 70C) (-20 to 70C) (-20 to 70C) (-40 to 85C) (-40 to 85C) (-40 to 85C) (-40 to 85C) (-40 to 85C)
Load Capacitance
1 2 3 4 5 6 7 8 Series 14 pF 16 pF 18 pF 20 pF 22 pF 25 pF 32 pF
Options
Can Height A 4.0mm B 4.5mm C 5.5mm
Example:
CMD44F51B-20.000 = 25ppm at 25C, 50ppm 0 to 70C, 20pF Load Cap, Fundamental, 4.5mm, 20.000MHz
Mode
1 Fundamental 3.5-32MHz 3 3rd Overtone 27-86MHz
Specifications subject to change without notice.
TD-02075 Rev.D 41


▲Up To Search▲   

 
Price & Availability of CMD41A11A-20000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X